PART |
Description |
Maker |
E75-20A E75-42A E69-21A E69-31A E69-41A E69-51A E6 |
SNAP ACTING/LIMIT SWITCH, DPDT, LATCHED, 0.1A, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 0.1A, 7.63mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, LATCHED, 11.43mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.72mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 7.63mm, PANEL MOUNT SWITCH SNAP MOM SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 7.63mm, PANEL MOUNT
|
THE CHERRY CORP
|
E62-00A E61-00H E61-00A THECHERRYCORP-E61-01R E61- |
SWITCH SNAP SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.82mm, PANEL MOUNT SWITCH LEVER SPDT 5A QC TERM SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.82mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.06mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.25A, 30VDC, 10.9mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.68mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
E4-271 D8-344 MS25356-1 S3-5 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4A, 28VDC, 0.51mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 6PST, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 1.52mm, PANEL MOUNT
|
EATON CORP
|
D388-A8AA D388-A8KA D388-A8KL D388-A8LD D388-A8ML |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.7mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.5mm, PANEL MOUNT
|
THE CHERRY CORP
|
E62-10A |
SWITCH SNAP SPDT 10A SS TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp.
|
AH715259F AH76204609F AH71525619 AH74523619 AH7456 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.6A, 125VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT
|
Vishay Intertechnology, Inc.
|
GSCB01A1-C028 GSCB04A1B-C028 GSCB06A1-C028 GSCB04A |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.55A, 125VDC, 53.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 50VDC, 53.5mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
JT-4 |
SNAP ACTING/LIMIT SWITCH, MOMENTARY, 0.64mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
LCA08A140S06QW |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT
|
C & K COMPONENTS INC
|
P6-345220 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.57mm, PANEL MOUNT
|
OTTO ENGINEERING INC
|
19N413R15 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 28VDC, PANEL MOUNT
|
|
|